Part Number Hot Search : 
MC79L00A 5KP18 TSOP1533 133BZC SC160C AE10607 20A10 RL156G
Product Description
Full Text Search
 

To Download PESD15VL2BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product pro?le 1.1 general description low capacitance double bidirectional electrostatic discharge (esd) protection diodes in a sot23 small surface mounted device (smd) plastic package designed to protect two signal lines from the damage caused by esd and other transients. 1.2 features 1.3 applications 1.4 quick reference data pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 rev. 01 1 november 2005 product data sheet n esd protection of two lines n ultra low leakage current: i rm <90na n max. peak pulse power: p pp = 350 w n esd protection up to 23 kv n low clamping voltage: v cl =26v n iec 61000-4-2, level 4 (esd) n small smd plastic package n iec 61000-4-5 (surge); i pp =15a n computers and peripherals n communication systems n audio and video equipment n portable electronics n cellular handsets and accessories n subscriber identity module (sim) card protection table 1: quick reference data symbol parameter conditions min typ max unit v rwm reverse standoff voltage pesd3v3l2bt - - 3.3 v pesd5v0l2bt - - 5.0 v pesd12vl2bt - - 12 v PESD15VL2BT - - 15 v pesd24vl2bt - - 24 v c d diode capacitance v r =0v; f=1mhz pesd3v3l2bt - 101 - pf pesd5v0l2bt - 75 - pf pesd12vl2bt - 19 - pf PESD15VL2BT - 16 - pf pesd24vl2bt - 11 - pf
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 2 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 2. pinning information 3. ordering information 4. marking [1] * = -: made in hong kong * = p: made in hong kong * = t: made in malaysia * = w: made in china table 2: pinning pin description simpli?ed outline symbol 1 cathode 1 2 cathode 2 3 double cathode 12 3 2 1 006aaa155 3 table 3: ordering information type number package name description version pesd3v3l2bt - plastic surface mounted package; 3 leads sot23 pesd5v0l2bt pesd12vl2bt PESD15VL2BT pesd24vl2bt table 4: marking codes type number marking code [1] pesd3v3l2bt v3* pesd5v0l2bt v4* pesd12vl2bt v5* PESD15VL2BT v6* pesd24vl2bt v7*
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 3 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 5. limiting values [1] non-repetitive current pulse 8/20 m s exponential decay waveform according to iec 61000-4-5. [2] measured from pin 1 to 3 or 2 to 3. [1] device stressed with ten non-repetitive esd pulses. [2] measured from pin 1 to 3 or 2 to 3. table 5: limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit p pp peak pulse power t p = 8/20 m s [1] [2] pesd3v3l2bt - 350 w pesd5v0l2bt - 350 w pesd12vl2bt - 200 w PESD15VL2BT - 200 w pesd24vl2bt - 200 w i pp peak pulse current t p = 8/20 m s [1] [2] pesd3v3l2bt - 15 a pesd5v0l2bt - 13 a pesd12vl2bt - 5 a PESD15VL2BT - 5 a pesd24vl2bt - 3 a t j junction temperature - 150 c t amb ambient temperature - 65 +150 c t stg storage temperature - 65 +150 c table 6: esd maximum ratings symbol parameter conditions min max unit v esd electrostatic discharge voltage iec 61000-4-2 (contact discharge) [1] [2] pesd3v3l2bt - 30 kv pesd5v0l2bt pesd12vl2bt PESD15VL2BT pesd24vl2bt - 23 kv pesdxl2bt series hbm mil-std883 - 10 kv table 7: esd standards compliance esd standard conditions iec 61000-4-2, level 4 (esd) > 15 kv (air); > 8 kv (contact) hbm mil-std883, class 3 > 4 kv
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 4 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 fig 1. 8/20 m s pulse waveform according to iec 61000-4-5 fig 2. esd pulse waveform according to iec 61000-4-2 t ( m s) 040 30 10 20 001aaa630 40 80 120 i pp (%) 0 e - t 100 % i pp ; 8 m s 50 % i pp ; 20 m s 001aaa631 i pp 100 % 90 % t 30 ns 60 ns 10 % t r = 0.7 ns to 1 ns
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 5 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 6. characteristics table 8: characteristics t amb =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit v rwm reverse standoff voltage pesd3v3l2bt - - 3.3 v pesd5v0l2bt - - 5.0 v pesd12vl2bt - - 12 v PESD15VL2BT - - 15 v pesd24vl2bt - - 24 v i rm reverse leakage current pesd3v3l2bt v rwm = 3.3 v - 0.09 2 m a pesd5v0l2bt v rwm = 5.0 v - 0.01 1 m a pesd12vl2bt v rwm =12v - <1 50 na PESD15VL2BT v rwm =15v - <1 50 na pesd24vl2bt v rwm =24v - <1 50 na v br breakdown voltage i r =5ma pesd3v3l2bt 5.8 6.4 6.9 v pesd5v0l2bt 7.0 7.6 8.2 v pesd12vl2bt 14.2 15.8 16.7 v PESD15VL2BT 17.1 18.8 20.3 v pesd24vl2bt 25.4 27.8 30.3 v c d diode capacitance v r =0v; f=1mhz pesd3v3l2bt - 101 - pf pesd5v0l2bt - 75 - pf pesd12vl2bt - 19 - pf PESD15VL2BT - 16 - pf pesd24vl2bt - 11 - pf v cl clamping voltage [1] [2] pesd3v3l2bt i pp =1a - - 8 v i pp =15a - - 26 v pesd5v0l2bt i pp =1a - - 10 v i pp =13a - - 28 v pesd12vl2bt i pp =1a - - 20 v i pp =5a - - 37 v PESD15VL2BT i pp =1a - - 25 v i pp =5a - - 44 v pesd24vl2bt i pp =1a - - 40 v i pp =3a - - 70 v
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 6 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 [1] non-repetitive current pulse 8/20 m s exponential decay waveform according to iec 61000-4-5. [2] measured from pin 1 to 3 or 2 to 3. r dif differential resistance i r =1ma pesd3v3l2bt - - 400 w pesd5v0l2bt - - 80 w pesd12vl2bt - - 200 w PESD15VL2BT - - 225 w pesd24vl2bt - - 300 w table 8: characteristics continued t amb =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 7 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 t amb =25 c (1) pesd3v3l2bt and pesd5v0l2bt (2) pesd12vl2bt, PESD15VL2BT, pesd24vl2bt fig 3. peak pulse power as a function of exponential pulse duration t p ; typical values fig 4. relative variation of peak pulse power as a function of junction temperature; typical values t amb =25 c; f = 1 mhz (1) pesd3v3l2bt (2) pesd5v0l2bt t amb =25 c; f = 1 mhz (1) pesd12vl2bt (2) PESD15VL2BT (3) pesd24vl2bt fig 5. diode capacitance as a function of reverse voltage; typical values fig 6. diode capacitance as a function of reverse voltage; typical values 006aaa531 10 3 10 2 10 4 p pp (w) 10 t p ( m s) 110 4 10 3 10 10 2 (1) (2) t j ( c) 0 200 150 50 100 001aaa193 0.4 0.8 1.2 p pp 0 p pp(25 c) v r (v) 05 4 23 1 006aaa067 70 90 100 110 c d (pf) 50 60 80 (1) (2) v r (v) 025 20 10 15 5 006aaa068 8 12 4 16 20 c d (pf) 0 (1) (2) (3)
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 8 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 (1) pesd3v3l2bt, pesd5v0l2bt pesd12vl2bt, PESD15VL2BT and pesd24vl2bt: i rm < 20 na; t j = 150 c fig 7. relative variation of reverse leakage current as a function of junction temperature; typical values fig 8. v-i characteristics for a bidirectional esd protection diode 006aaa069 1 10 10 - 1 t j ( c) - 100 150 100 050 - 50 i rm i rm(25 c) (1) 006aaa676 - v cl - v br - v rwm v cl v br v rwm - i rm i rm - i r i r - i pp i pp - +
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 9 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 fig 9. esd clamping test setup and waveforms 006aaa162 50 w r z c z d.u.t. (device under test) vertical scale = 200 v/div horizontal scale = 50 ns/div unclamped + 1 kv esd voltage waveform (iec 61000-4-2 network) clamped + 1 kv esd voltage waveform (iec 61000-4-2 network) unclamped - 1 kv esd voltage waveform (iec 61000-4-2 network) clamped - 1 kv esd voltage waveform (iec 61000-4-2 network) vertical scale = 200 v/div horizontal scale = 50 ns/div vertical scale = 20 v/div; horizontal scale = 50 ns/div vertical scale = 20 v/div; horizontal scale = 50 ns/div gnd gnd 450 w rg 223/u 50 w coax esd tester iec 61000-4-2 network c z = 150 pf; r z = 330 w 4 ghz digital oscilloscope 10 attenuator gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd pesd3v3l2bt pesd5v0l2bt pesd12vl2bt PESD15VL2BT pesd24vl2bt pesd3v3l2bt pesd5v0l2bt pesd12vl2bt PESD15VL2BT pesd24vl2bt
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 10 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 7. application information the pesdxl2bt series is designed for the protection of two bidirectional signal lines from the damage caused by esd and surge pulses. the pesdxl2bt series may be used on lines where the signal polarities are above and below ground. the pesdxl2bt series provides a surge capability of up to 350 w per line for an 8/20 m s waveform. circuit board layout and protection device placement circuit board layout is critical for the suppression of esd, electrical fast transient (eft) and surge transients. the following guidelines are recommended: 1. place the pesdxl2bt as close to the input terminal or connector as possible. 2. the path length between the pesdxl2bt and the protected line should be minimized. 3. keep parallel signal paths to a minimum. 4. avoid running protected conductors in parallel with unprotected conductors. 5. minimize all printed-circuit board (pcb) conductive loops including power and ground loops. 6. minimize the length of the transient return path to ground. 7. avoid using shared transient return paths to a common ground point. 8. ground planes should be used whenever possible. for multilayer pcbs, use ground vias. fig 10. application diagram 006aaa163 gnd pesdxl2bt line 2 to be protected line 1 to be protected
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 11 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 8. package outline 9. packing information [1] for further information and the availability of packing methods, see section 15 . fig 11. package outline sot23 (to-236ab) 04-11-04 dimensions in mm 0.45 0.15 1.9 1.1 0.9 3.0 2.8 2.5 2.1 1.4 1.2 0.48 0.38 0.15 0.09 12 3 table 9: packing methods the indicated -xxx are the last three digits of the 12nc ordering code. [1] type number package description packing quantity 3000 10000 pesd3v3l2bt sot23 4 mm pitch, 8 mm tape and reel -215 -235 pesd5v0l2bt pesd12vl2bt PESD15VL2BT pesd24vl2bt
9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 12 of 14 philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 10. revision history table 10: revision history document id release date data sheet status change notice doc. number supersedes pesdxl2bt_ser_1 20051101 product data sheet - 9397 750 14034 -
philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 9397 750 14034 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 1 november 2005 13 of 14 11. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 12. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 13. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 14. trademarks notice all referenced brands, product names, service names and trademarks are the property of their respective owners. 15. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2005 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 1 november 2005 document number: 9397 750 14034 published in the netherlands philips semiconductors pesdxl2bt series low capacitance double bidirectional esd protection diodes in sot23 16. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 application information. . . . . . . . . . . . . . . . . . 10 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 9 packing information. . . . . . . . . . . . . . . . . . . . . 11 10 revision history . . . . . . . . . . . . . . . . . . . . . . . . 12 11 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 13 12 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 13 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 14 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15 contact information . . . . . . . . . . . . . . . . . . . . 13


▲Up To Search▲   

 
Price & Availability of PESD15VL2BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X